Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161401W/P Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 17Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 18Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 19Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 20Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 21Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 22Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 23Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 24Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Data Sheet S15726EJ2V0DS
19
µµµµPD161401
5.1.3 Serial interface
When the serial interface has been selected (IFM1, IFM0 = L, L), as long as the chip is in an active state (/CS1= L,
CS2 = H ), serial data input (SI) and serial clock input (SCL) can be received. Serial data is read in the order of D7, then
D6 to D0 at the rising edge of the serial clock input from the serial input pin. This data is converted to parallel data in
synchronization with the 8th rising edge of the serial clock. Serial input data is judged as display data/command data if
RS = H and an index if RS = L. The RS input is read every 8th rising edge of the serial clock after the chip becomes
active and is used for data discrimination.
Figure 5
−−−−1. Serial Interface Signal Chart
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
123456789
10
11
12
13
14
15
16
17
18
/CS1
SI
SCL
RS
CS2 = "H"
Remarks 1. If the chip is not in an active state, the shift register and counter are reset to their initial statuses.
2. The serial clock counter is reset by initialization from the /DISP pin.
3. Data cannot be read when using serial interface mode.
4. Care must be taken when performing SCL wiring to avoid effects from terminal radiation or external noise
caused by the wiring length. It is recommended to confirm operation using the actual equipment to be
used.
5.1.4 Chip select
The
µPD161401 has chip select pins (/CS1 and CS2). The CPU parallel interface or Serial interface can be used only
when /CS1 = L (CS2 = H).
If the chip select pins are not active, the D0 to D15 pins go into a high-impedance state, and the RS, /RD, and /WR pins
do not become active.
5.1.5 Accessing display data RAM and internal registers
When the CPU accesses the
µPD161401, the CPU only has to satisfy the requirement of the cycle time (tCYC) and can
transfer data at high speeds. Usually, it is not necessary for the CPU to take wait time into consideration.
When the CPU writes data to the
µPD161401, no dummy data is necessary. When reading data, dummy data is not
necessary either. In the
µPD161401, the data of the display access memory register, the complementary color blink
data memory register, the specified color blink data memory register and the reverse data memory access register
(R12, R41, R45, R50) cannot be read. Figure 5
−−−−2 illustrates as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com