Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161401W/P Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 12Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 13Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 14Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 15Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 16Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 17Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 18Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 19Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Data Sheet S15726EJ2V0DS
14
µµµµPD161401
(2/3)
Symbol
Pin Name
Pin No.
I/O
Description
/DISP
Reset
107 to 109
Input
Making /DISP low initializes the DISP flag in the control register 1
(R0) and turns OFF the display. When the serial interface is used,
the write counter is also initialized. Making /DISP high enables
writing. To light the display after it has been turned OFF by this pin,
make /DISP high and set the DISP flag to 1.
FR
Frame signal
194 to 196
I/O
This pin inputs or outputs a liquid crystal AC signal.
M,/S = H : Output
M,/S = L : Input
When two or more
µPD161401s are used in master/slave mode,
the respective FR pins must be connected to each other.
FRSYNC
Frame sync signal
191 to 193
I/O
This pin inputs or outputs a liquid crystal AC sync signal.
M,/S = H : Output
M,/S = L : Input
When two or more
µPD161401s are used in master/slave mode,
the respective FRSYNC pins must be connected to each other.
DOF
Display blink
197 to 199
I/O
This pin controls blinking of the LCD.
M,/S = H : Output
M,/S = L : Input
When two or more
µPD161401s are used in master/slave mode,
the respective DOF pins must be connected to each other.
This pin selects master or slave mode. In the master mode, it
outputs a timing signal necessary for driving the LCD. In the slave
mode, this timing signal is input from an external source to
synchronize the LCD.
M,/S = H : Master mode
M,/S = L : Slave mode
The status of each pin, including this pin, and the power circuit is
as follows depending on the status of the M,/S pin.
M,/S
Power Circuit
FR
FRSYNC
DOF
H
Enabled
Output
Output
Output
L
Disabled
Input
Input
Input
M,/S
Master/slave
74 to 76
Input
IRS
VLCD adjustment
92 to 94
Input
This pin selects the resistor used to adjust the VLCD voltage level.
IRS = H: The internal resistor is used.
IRS = L: The internal resistor is not used.
The VLCD voltage level is adjusted by an external voltage divider
resistor connected to the VR pin.
This pin is enabled only when the master operation mode is
selected. If the slave mode is selected, this pin is fixed to H or L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com