Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP7702MM Datasheet HTML 1Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 2Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 3Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 4Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 5Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 6Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 7Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 8Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMP7701/LMP7702/LMP7704
Precision, CMOS Input, RRIO, Wide Supply Range
Amplifiers
General Description
The LMP7701/LMP7702/LMP7704 are single, dual, and
quad low offset voltage, rail-to-rail input and output precision
amplifiers each with CMOS input stage and wide supply
voltage range. The LMP7701/LMP7702/LMP7704 are part of
the LMP™ precision amplifier family and are ideal for sensor
interface and other instrumentation applications.
The guaranteed low offset voltage of less than ±200 µV
along with the guaranteed low input bias current of less than
±1 pA make the LMP7701 ideal for precision applications.
The LMP7701/LMP7702/LMP7704 are built utilizing VIP50
technology, which allows the combination of a CMOS input
stage and a 12V common mode and supply voltage range.
This makes the LMP7701/LMP7702/LMP7704 great choices
in many applications where conventional CMOS parts can-
not operate under the desired voltage conditions.
The LMP7701/LMP7702/LMP7704 have a rail-to-rail input
stage that significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. This is achieved
by trimming both sides of the complimentary input stage,
thereby reducing the difference between the NMOS and
PMOS offsets. The output of the LMP7701/LMP7702/
LMP7704 swings within 40 mV of either rail to maximize the
signal dynamic range in applications requiring low supply
voltage.
The LMP7701 is offered in the space saving 5-Pin SOT23
package, the LMP7702 is offered in the 8-Pin MSOP, and the
quad LMP7704 is offered in the 14-Pin TSSOP package.
These small packages are ideal solutions for area con-
strained PC boards and portable electronics.
Features
Unless otherwise noted, typical values at V
S =5V
n
Input offset voltage (LMP7701)
±200 µV (max)
n
Input offset voltage (LMP7702/LMP7704) ±220 µV (max)
n
Input bias current
±200 fA
n
Input voltage noise
9 nV/
n
CMRR
130 dB
n
Open loop gain
130 dB
n
Temperature range
−40˚C to 125˚C
n
Unity gain bandwidth
2.5 MHz
n
Supply current (LMP7701)
715 µA
n
Supply current (LMP7702)
1.5 mA
n
Supply current (LMP7704)
2.9 mA
n
Supply voltage range
2.7V to 12V
n
Rail-to-rail input and output
Applications
n
High impedance sensor interface
n
Battery powered instrumentation
n
High gain amplifiers
n
DAC buffer
n
Instrumentation amplifier
n
Active filters
Typical Application
20127305
Precision Current Source
LMP™ is a trademark of National Semiconductor Corporation.
October 2006
© 2006 National Semiconductor Corporation
DS201273
www.national.com


Similar Part No. - LMP7702MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7702MM TI-LMP7702MM Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MM TI-LMP7702MM Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MM TI1-LMP7702MM Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MM/NOPB TI1-LMP7702MM/NOPB Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MMX TI-LMP7702MMX Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7702MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com