Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702MM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMP7702MM Datasheet HTML 12Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 13Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 14Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 15Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 16Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 17Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 18Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 19Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
This equation is rearranged to find the location of the two
poles:
(1)
As shown in Equation (1), as values of R
1 and R2 are
increased, the magnitude of the poles is reduced, which in
turn decreases the bandwidth of the amplifier. Whenever
possible, it is best to choose smaller feedback resistors.
Figure 3 shows the effect of feedback resistor on the
LMP7701/LMP7702/LMP7704 bandwidth.
Equation (1) has two poles. In most cases, it is the presence
of pairs of poles that causes gain peaking. In order to elimi-
nate this effect, the poles should be placed in Butterworth
position, since poles in Butterworth position do not cause
gain peaking. To achieve a Butterworth pair, the quantity
under the square root in Equation (1) should be set to equal
−1. Using this fact and the relation between R
1 and R2,R2 =
−A
V R1, the optimum value for R1 can be found. This is
shown in Equation (2).IfR
1 is chosen to be larger than this
optimum value, gain peaking will occur.
(2)
In Figure 2,C
F is added to compensate for input capacitance
and to increase stability. Additionally, C
F reduces or elimi-
nates the gain peaking that can be caused by having a larger
feedback resistor. Figure 4 shows how C
F reduces gain
peaking.
DIODES BETWEEN THE INPUTS
The LMP7701/LMP7702/LMP7704 have a set of anti-parallel
diodes between the input pins, as shown in Figure 5. These
diodes are present to protect the input stage of the amplifier.
At the same time, they limit the amount of differential input
voltage that is allowed on the input pins. A differential signal
larger than one diode voltage drop might damage the di-
odes. The differential signal between the inputs needs to be
limited to ±300 mV or the input current needs to be limited to
±10 mA.
20127354
FIGURE 3. Closed Loop Gain vs. Frequency
20127355
FIGURE 4. Closed Loop Gain vs. Frequency with
Compensation
20127325
FIGURE 5. Input of LMP7701
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com