Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702MM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMP7702MM Datasheet HTML 11Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 12Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 13Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 14Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 15Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 16Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 17Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 18Page - National Semiconductor (TI) LMP7702MM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information
LMP7701/LMP7702/LMP7704
The LMP7701/LMP7702/LMP7704 are single, dual, and
quad low offset voltage, rail-to-rail input and output precision
amplifiers each with CMOS input stage and wide supply
voltage range of 2.7V to 12V. The LMP7701/LMP7702/
LMP7704 have a very low input bias current of only ±200 fA
at room temperature.
The wide supply voltage range of 2.7V to 12V over the
extensive temperature range of −40˚C to 125˚C makes the
LMP7701/LMP7702/LMP7704 excellent choices for low volt-
age precision applications with extensive temperature re-
quirements.
The LMP7701/LMP7702/LMP7704 have only ±37 µV of typi-
cal input referred offset voltage and this offset is guaranteed
to be less than ±500 µV for the single and ±520 µV for the
dual and quad, over temperature. This minimal offset voltage
allows more accurate signal detection and amplification in
precision applications.
The low input bias current of only ±200 fA along with the low
input referred voltage noise of 9 nV/
give the LMP7701/
LMP7702/LMP7704 superiority for use in sensor applica-
tions. Lower levels of noise introduced by the amplifier mean
better signal fidelity and a higher signal-to-noise ratio.
National Semiconductor is heavily committed to precision
amplifiers and the market segment they serve. Technical
support and extensive characterization data is available for
sensitive applications or applications with a constrained error
budget.
The LMP7701 is offered in the space saving 5-Pin SOT23
package, the LMP7702 comes in the 8-pin MSOP, and the
LMP7704 is offered in the 14-Pin TSSOP package. These
small packages are ideal solutions for area constrained PC
boards and portable electronics.
CAPACITIVE LOAD
The LMP7701/LMP7702/LMP7704 can each be connected
as a non-inverting unity gain follower. This configuration is
the most sensitive to capacitive loading.
The combination of a capacitive load placed on the output of
an amplifier along with the amplifier’s output impedance
creates a phase lag which in turn reduces the phase margin
of the amplifier. If the phase margin is significantly reduced,
the response will be either underdamped or it will oscillate.
In order to drive heavier capacitive loads, an isolation resis-
tor, R
ISO,in Figure 1 should be used. By using this isolation
resistor, the capacitive load is isolated from the amplifier’s
output, and hence, the pole caused by C
L is no longer in the
feedback loop. The larger the value of R
ISO, the more stable
the output voltage will be. If values of R
ISO are sufficiently
large, the feedback loop will be stable, independent of the
value of C
L. However, larger values of RISO result in reduced
output swing and reduced output current drive.
INPUT CAPACITANCE
CMOS input stages inherently have low input bias current
and higher input referred voltage noise. The LMP7701/
LMP7702/LMP7704 enhance this performance by having
the low input bias current of only ±200 fA, as well as, a very
low input referred voltage noise of 9 nV/
. In order to
achieve this a larger input stage has been used. This larger
input stage increases the input capacitance of the LMP7701/
LMP7702/ LMP7704. The typical value of this input capaci-
tance, C
IN, for the LMP7701/LMP7702/LMP7704 is 25 pF.
The input capacitance will interact with other impedances
such as gain and feedback resistors, which are seen on the
inputs of the amplifier, to form a pole. This pole will have little
or no effect on the output of the amplifier at low frequencies
and DC conditions, but will play a bigger role as the fre-
quency increases. At higher frequencies, the presence of
this pole will decrease phase margin and will also cause gain
peaking. In order to compensate for the input capacitance,
care must be taken in choosing the feedback resistors. In
addition to being selective in picking values for the feedback
resistor, a capacitor can be added to the feedback path to
increase stability.
The DC gain of the circuit shown in Figure 2 is simply
–R
2/R1.
For the time being, ignore C
F. The AC gain of the circuit in
Figure 2 can be calculated as follows:
20127321
FIGURE 1. Isolating Capacitive Load
20127344
FIGURE 2. Compensating for Input Capacitance
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com