Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST11LP12 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
3
©2006 SST Communications Corp.
S71278-01-000
1/06
PIN ASSIGNMENTS
FIGURE 1: PIN ASSIGNMENTS FOR 16-CONTACT WQFN
PIN DESCRIPTIONS
TABLE
1: PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground
with several low inductance, low resistance vias.
NC
1
No Connection
Unconnected pin
RFIN
2
I
RF input, DC decoupled
RFIN
3
I
RF input, DC decoupled
VCCb
4
Power Supply
PWR
Supply voltage for bias circuit
NC
5
No Connection
Unconnected pin
VREF
6
PWR
Current Control
VREF
7
PWR
Current Control
Det_ref
8
O
On-chip power detector reference
Det
9
O
On-chip power detector
RFOUT
10
O
RF output
RFOUT
11
O
RF output
NC
12
No Connection
Unconnected pin
NC
13
No Connection
Unconnected pin
VCC3
14
Power Supply
PWR
Power supply, 3rd stage
VCC2
15
Power Supply
PWR
Power supply, 2nd stage
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.1 1278
56
8
16
15
14
9
11
12
10
13
NC
RFOUT
RFOUT
Det
2
1
4
3
NC
RFIN
RFIN
VCCb
7
1278 16-wqfn P1.0
Top View
(contacts facing down)
RF and DC GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com