Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST11LP12 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 17Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
©2006 SST Communications Corp.
S71278-01-000
1/06
FIGURE 17: DETECTOR CHARACTERISTICS AT ROOM TEMPERATURE OVER FREQUENCY WITH
2:1 OUTPUT VSWR ALL PHASES
FIGURE 18: TYPICAL APPLICATION FOR HIGH-POWER 802.11A APPLICATION
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
-1
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Freq=4.92 GHz (M atche d)
Freq=5.18 GHz (M atche d)
Freq=5.32 GHz (M atche d)
Freq=5.805 GH z (Matched)
Freq=4.92 GHz (M in)
Freq=5.18 GHz (M in)
Freq=5.32 GHz (M in)
Freq=5.805 GH z (Min)
Freq=4.92 GHz (M ax)
Freq=5.18 GHz (M ax)
Freq=5.32 GHz (M ax )
Freq=5.805 GH z (Max)
VCC
50
Ω
100 pF
50
Ω RFin
VREF
10 μF
0.1 μF
100 pF*
0.1μF
0~40 mil
10
2
5
6
7
8
9
11
12
16
15
14
13
3
4
1
50
Ω RFOUT
0.5 pF/0402 Hi-Q, typically
Johanson S-series
80 mil/60 mil**
Det_ref
Det
0.1 μF*
10 pF
10 pF
0.1 μF
0.1 μF
25
Ω
50
Ω
*As close as possible to package
**For 8-10 mil FR4 dielectric board
Bias Circuit
1278 Schematic.0.2
50
Ω (100 ~ 200 mils)
0.5 pF
Test Conditions
VREG = 2.85V
VCC=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com