Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST11LP12 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 17Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
13
©2006 SST Communications Corp.
S71278-01-000
1/06
FIGURE 15: DETECTOR CHARACTERISTICS AT ROOM TEMPERATURE WITH 2:1 OUTPUT VSWR
ALL PHASES AT 5.32 GHZ
FIGURE 16: DETECTOR CHARACTERISTICS AT ROOM TEMPERATURE WITH 2:1 OUTPUT VSWR
ALL PHASES AT 5.805 GHZ
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
-1
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Freq = 5 .32 GHz (Matched)
Freq = 5 .32 GHz (Max)
Fre q = 5.32 GHz (Min)
Output Power (dBm)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
-1
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Freq = 5 .805 GHz (Matched)
Freq = 5 .805 GHz (Max)
Freq = 5 .805 GHz (Min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com