Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST12LP15
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST12LP15 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
5
©2005 SST Communications Corp.
S71280-00-000
1/05
TABLE
3: AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION
Symbol
Parameter
Min.
Typ
Max.
Unit
fL-U
Frequency range
2400
2500
MHz
POUT
Output power
@ PIN = -4 dBm 11b signals
22
dBm
@ PIN = -2 dBm 11b signals
24
dBm
@ PIN = -8 dBm 11g signals
18
dBm
@ PIN = -6 dBm 11g signals
20
dBm
G
Small signal gain
26
dB
GVAR1
Gain variation over band (2400~2485 MHz)
1
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
ACPR
Meet 11b spectrum mask
24
dBm
Meet 11g OFDM 54 MBPS spectrum mask
23
dBm
Added EVM
@ 20.5 dBm output with 11g OFDM 54 MBPS signal
3
3.5
%
2f, 3f, 4f, 5f
Harmonics at 22 dBm, without trapping capacitors
<-40
dBc
T3.0 1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com