Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST12LP15
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST12LP15 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
©2005 SST Communications Corp.
S71280-00-000
1/05
12
CONTACT INFORMATION
Marketing
SST Communications Corp.
2951 28th Street, Ste. 2040
Santa Monica, CA 90405
Tel: 310-581-1650 x27
Fax: 310-581-1663
Sales
NORTH AMERICA
ASIA PACIFIC NORTH
Silicon Storage Technology, Inc.
SST Macao
Les Crowder
H. H. Chang
Technical Sales Support - Major Accounts
Senior Director, Sales
1922 Colina Salida Del Sol
Room A, 8th Floor,
San Clemente, CA 92673-3652
USA
Macao Financial Centre,
Tel: 949-495-6437
No. 230-246, Rua Pequim, Macao
Cell: 714-813-6636
Tel: (853) 706-022
Fax: 949-495-6364
Fax: (853) 706-023
E-mail: lcrowder@sst.com
E-mail: hchang@sst.com
EUROPE
ASIA PACIFIC SOUTH
Silicon Storage Technology Ltd.
SST Communications Co.
Ralph Thomson
Andy Chang
Applications Manager
Director of Sales
Mark House
2F, No. 415, Tiding Blvd., Sec.2,
9-11 Queens Road
Neihu, Taipei,
Hersham KT12 5LU
UK
Taiwan, R.O.C.
Tel: +44 (0) 1869 321 431
Tel: 02-2656-2888 x220
Cell: +44 (0) 7787 508 919
Fax: 02-2656-2889
E-mail: rthomson@sst.com
E-mail: achang@sst.com
JAPAN
KOREA
SST Japan
SST Korea
Yashushi Yoshinaga
Charlie Shin
Sales Manager
Country Manager
6F Kose #2, 1-14-20 Shin-Yokohama,
Rm# 1101 DonGu Root Bldg, 16-2 Sunae-Dong,
Kohoku-ku, Yokohama 222-0033
Bundang-Gu, Sungnam, Kyunggi-Do
Kanagawa, Japan
Korea, 463-020
Tel: (81) 45-471-1851
Tel: (82) 31-715-9138
Fax: (81) 45-471-3285
Fax: (82) 31-715-9137
Email: yoshi@sst.com
Email: cshin@sst.com
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com