Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST12LP15
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST12LP15 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
©2005 SST Communications Corp.
S71280-00-000
1/05
10
PRODUCT ORDERING INFORMATION
Valid combinations for SST12LP10
SST12LP10-QVC
SST12LP10-QVCE
SST12LP10 Evaluation Kits
SST12LP10-QVC-K
SST12LP10-QVCE-K
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST12LP
10
- QVC
E
SSTxxLP
xx
-XXX
X
Environmental Attribute
E1 = non-Pb contact (lead) finish
Package Modifier
C = 16 contact
Package Type
QV = VQFN
Product Family Identifier
Product Type
P = Power Amplifier
Voltage
L = 3.0-3.6V
Frequency of Operation
2 = 2.4 GHz
Product Line
1 = SST Communications
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com