Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02-QDF Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST13LP02-QDF
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02-QDF Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST13LP02-QDF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
7
©2006 SST Communications Corp.
S71304-01-000
9/06
For 802.11a Operation
TABLE
4: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
ICC
Supply Current
for 802.11a, 22 dBm at VCC = 3.3V
380
mA
ICQ
Vcc quiescent current
135
mA
IOFF
Shut down current
1.0
μA
VREG
Reference Voltage with drop resistors
2.9
V
Total IREG
Total Reference Current
2
mA
T4.1 1304
TABLE
5: AC Electrical Characteristics for Configuration
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
4920
5805
MHz
G
Small signal gain across 4.9~5.8GHz
26
dB
GVAR
Gain variation over band (4.9-5.8 MHz)
5.0
dB
Gain variation over band (4.9-5.35 MHz)
1.0
dB
Gain variation over band (5.7-5.8 MHz)
1.0
dB
Gain variation over channel (20 MHz)
0.2
dB
Added EVM
Added EVM @ Pout=18 dBm (54 Mbps 11a OFDM)
4
%
ACPR
Output power level with 802.11a mask compliance across
4.9-5.8 GHz
21
dBm
2f
2nd Harmonics at Pout=18 dBm (54 Mbps 11a OFDM)
-45
dBc
3f
3rd Harmonics at Pout=18 dBm (54 Mbps 11a OFDM)
-50
dBc
ACPR1
Adjacent Channel Power Rejection at Pout=18 dBm
(54 Mbps 11a OFDM)
-35
dBc
ACPR2
Alt. Adjacent Channel Power Rejection at Pout=18 dBm
(54 Mbps 11a OFDM)
-50
dBc
T5.1 1304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com