Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02-QDF Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST13LP02-QDF
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02-QDF Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST13LP02-QDF Datasheet HTML 1Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
©2006 SST Communications Corp.
S71304-01-000
9/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
Features:
High Gain:
– Typically 27-28 dB gain across 2.4-2.5 GHz
– Typically 30-34 dB gain across 4.9-5.8 GHz
High linear output power:
– >25 dBm P1dB (Pulsed single-tone signal) across
2.4-2.5 GHz
– Meets 802.11b OFDM ACPR requirement up to
21.5 dBm across 2.4-2.5 GHz
– Meets 802.11g OFDM ACPR requirement up to
22 dBm across 2.4-2.5 GHz
– Added EVM~4% up to 19 dBm for
54 Mbps 802.11g signal across 2.4-2.5 GHz
– >25 dBm P1dB (Pulsed single-tone signal)
across 4.9-5.8 GHz
– Meets 802.11a OFDM ACPR requirement up to
22 dBm across 4.9-5.8GHz
– Added EVM~4% up to 18 dBm for
54 Mbps 802.11a signal across 4.9-5.8GHz
High power-added efficiency/Low operating
current for 802.11a/b/g applications
– ~220 mA @ POUT = 22 dBm for 802.11g
– ~205 mA @ POUT = 21.5 dBm for 802.11b
– ~380 mA @ POUT = 22 dBm for 802.11a
Built-in Ultra-low IREF power-up/down control
–IREF <2 mA
Low idle current
–~55 mA ICQ (802.11b/g)
– ~135 mA ICQ (802.11a)
High-speed power-up/down
– Turn on/off time (10%-90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
High temperature stability
– ~2/1 dB gain/power variation between 0°C to
+85°C across 2.4-2.5 GHz
– ~8/2 dB gain/max linear power variation between
0°C to +85°C across 4.9-5.8 GHz
– ~1 dB detector variation over 0°C to +85°C
Low shut-down current (< 0.1 µA)
On-chip power detection
20 dB dynamic range on-chip power detection
Simple input/output matching
Packages available
– 24-lead WQFN (4mm x 4mm)
– Non-Pb (lead-free) packages available
Applications:
WLAN (IEEE 802.11a/g/b)
Japanese WLAN
HyperLAN2
Multimedia
•Home RF
Cordless phones
Product Description
The SST13LP02 is a high-efficiency, dual-band power
amplifier based on the highly-reliable InGaP/GaAs HBT
technology.
The SST13LP02 can be easily configured for high-power
applications with superb power-added efficiency while
operating over the 802.11a/b/g frequency band for U.S.,
European, and Japanese markets (2.4-2.5 GHz and 4.9-
5.8 GHz).
The SST13LP02 has excellent linearity, typically ~4%
added EVM at 19 dBm output power, which is essential for
54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask at 22 dBm and 802.11b spectrum mask at 21.5
dBm. For 802.11a operation, the SST13LP02 has demon-
strated typically ~4% added EVM at 18 dBm output power
while meeting 802.11a spectrum mask at 22 dBm. The
SST13LP02 also has wide-range (>15 dB), temperature-
stable (~1.5 dB over 85°C), single-ended power detectors
which lower users’ cost on power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control.
Ultra-low reference current (total IREF <2 mA) makes the
SST13LP02 controllable by an on/off switching signal
directly from the baseband chip. These features, coupled
with low operating current, make the SST13LP02 ideal
for the final stage power amplification in both battery-
powered 802.11a/b/g WLAN transmitters and access
point applications.
The SST13LP02 is offered in a 24-contact WQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
SST13LP022.4 - 2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier


Similar Part No. - SST13LP02-QDF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01-QDF SST-SST13LP01-QDF Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01-QDF-K SST-SST13LP01-QDF-K Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results

Similar Description - SST13LP02-QDF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
4.9-5.8 GHz High-Linearity Power Amplifier
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com