Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP02-QDF Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST13LP02-QDF
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP02-QDF Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST13LP02-QDF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP02-QDF Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02
13
©2006 SST Communications Corp.
S71304-01-000
9/06
Low Band Power Detector characteristics
Test Conditions: VCC = 3.3V, VREG_LB = 2.85V, TA = 25°C, 54 Mbps 802.11g OFDM Signal
FIGURE 11: Low Band Detector Voltage versus output power
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
9
10
111213
141516
171819
2021
Output Power (dBm)
Freq=2.412 GHz @ 25 C˚
Freq=2.442 GHz @ 25 C˚
Freq=2.484 GHz @ 25 C˚
Freq=2.412 GHz @ -10 C˚
Freq=2.442 GHz @ -10 C˚
Freq=2.484 GHz @ -10 C˚
Freq=2.412 GHz @ 85 C˚
Freq=2.442 GHz @ 85 C˚
Freq=2.484 GHz @ 85 C˚
Detector Voltage versus Output Power
1304 F10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com