Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116ASBA-T Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9116ASBA-T
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116ASBA-T Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9116ASBA-T Datasheet HTML 1Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 2Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 3Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 4Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 5Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 6Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 7Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 8Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5 (18)
DA9116.005
22 November, 2005
REGISTER DESCRIPTION
Register
Address Byte
Data Byte
7
6
5
4
3
2
1
0
msb…lsb
Function
Peak Detector Status
CR4
X
1
0
1
1
R/W
X
X
Output code
00000000
00000001
00000010
00000011
No overload
Right overload
Left overload
Both overload
Peak Detector Reference
CR3
X
1
1
0
0
R/W
X
X
Input code
11111111
11111110
11111101
•
•
00000010
00000001
00000000
DAC output
VREF(255)
VREF(254)
VREF(253)
•
•
VREF(2)
VREF(1)
VREF(0)
Note 1
Left Channel Gain
CR2
X
1
1
0
1
R/W
X
X
Input code
11111111
11111110
11111101
•
•
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
•
•
0.0
-111.0
-111.5
mute
Right Channel Gain
CR1
X
1
1
1
0
R/W
X
X
Input code
11111111
11111110
11111101
•
•
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
•
•
0.0
-111.0
-111.5
mute
Test, CR5
X
1
1
1
1
R/W
X
X
Reserved
Both Channel Gains
X
1
0
0
1
W
X
X
Write to both gain registers
Note 1. Reference voltage is calculated from VREF(CODE)=(0.16+0.0133*CODE)*VDD
Address byte bits:
•
Bit 2 is read/write bit (1=read, 0=write).
•
X is don’t care, recommended high for low
power.
Data byte bits:
•
All registers get their default value 00Hex except
CR3 which gets FFHex during power-on reset.
•
Default value for all bits is zero (00hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com