Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116ASBA-T Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9116ASBA-T
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116ASBA-T Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9116ASBA-T Datasheet HTML 2Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 3Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 4Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 5Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 6Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 7Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 8Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 9Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6 (18)
DA9116.005
22 November, 2005
TEST REGISTER CR5 DESCRIPTION
Note: Test register is intended only for internal testing of the device and not supposed to be used in
normal operation. It is strongly recommended not to change initial test register value (00hex).
XMUTE pin is output pin when bit 1 is set in register CR5. Bits 2, 3 and 4 select different internal signals. In test
phase those signals can be seen via XMUTE pin.
Condition
Data Byte bits
Function
7
6
5
4
3
2
1
0
XMUTE=in
0
0
0
0
0
0
0
0
Normal operation
Test, XMUTE=in
0
0
0
0
0
0
0
1
Force latch, note 1
Test, XMUTE=out
0
0
0
0
0
0
1
0
left delay generator
Test, XMUTE=out
0
0
0
0
0
1
1
0
left peak detector
Test, XMUTE=out
0
0
0
0
1
0
1
0
left zero crossing
Test, XMUTE=out
0
0
0
0
1
1
1
0
left enable for zero crossing
and delay generator
Test, XMUTE=out
0
0
0
1
0
0
1
0
right delay generator
Test, XMUTE=out
0
0
0
1
0
1
1
0
right peak detector
Test, XMUTE=out
0
0
0
1
1
0
1
0
right zero crossing
Test, XMUTE=out
0
0
0
1
1
1
1
0
right enable for zero crossing
and delay generator
Note 1. Forces the new gain value to be latched to resistor network without waiting for zero crossing or delay generator. LSB bit has to be
returned to 0 before next gain value can be latched. When force latch is used, both channels are latched with the same value.
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Signal Voltage
RIN, RFO, LIN, LFO
-20
+20
V
Positive Supply Voltage
AVCC, DVCC
-0.5
+6.0
V
All other pins
-0.3
AVCC +0.3
Storage Temperature
TS
-55
+125
oC
Operating Temperature
TA
-40
+85
oC
ESD (HBM) pins 3, 4, 13 and 14
300
V
ESD (HBM) all other pins
2000
V
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will not
be destroyed.
RECOMMENDED OPERATION CONDITIONS
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal Voltage
RIN, RFO, LIN,
LFO
-18
+18
V
Positive Supply Voltage
AVCC,DVCC
4.5
5
5.5
V
Negative Supply Voltage
AGND,DGND
0
V
Signal Grounds
LGND,RGND
0
V
Operating Temperature
TA
-20
+25
+60
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com