Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116ASBA-T Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9116ASBA-T
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116ASBA-T Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9116ASBA-T Datasheet HTML 6Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 7Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 8Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 9Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 10Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 11Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 12Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 13Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10 (18)
DA9116.005
22 November, 2005
DIGITAL CHARACTERISTICS
N Digital Inputs/Outputs
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input low voltage
VIL
All digital inputs,
DC
0.3*
DVCC
V
Input high voltage
VIH
All digital inputs,
DC
0.7*
DVCC
V
Output low voltage
VOL
All digital outputs,
IL=2mA
0.4
V
Output high voltage
VOH
All digital outputs,
IH=2mA
DVCC-
0.4
V
N Serial Interface Timing
(AVCC=+5.0 V, AVSS=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency of CCLK
FCCLK
1
MHz
Period of CCLK high
TWHC
Measured from VIH to VIH
500
ns
Period of CCLK low
TWLC
Measured from VIL to VIL
500
ns
Rise time of CCLK
TRC
Measured from VIL to VIH
100
ns
Fall time of CCLK
TFC
Measured from VIH to VIL
100
ns
Hold time, CCLK high to
XCS low
THCHS
20
ns
Setup time, XCS low to
CCLK high
TSSLCH
100
ns
Setup time, valid CI to
CCLK high
TSDCH
100
ns
Hold time, CCLK high to
invalid CI
THCHD
100
ns
Delay time, CCLK low to
valid CI
TDCLD
Load=100pF
200
ns
Delay time, XCS high or 8
th
CCLK low to invalid CI
TDSZ
Load=3.3kΩ
20
200
ns
Hold time, 16
th CCLK high
to XCS high
THLCHS
200
ns
Setup time, XCS high to
CCLK high
TSSHCH
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com