Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to
the BP3, BP2, BP1, BP0, and BPL bits of the status regis-
ter. CE# must be driven low before the command
sequence of the WRSR instruction is entered and driven
high before the WRSR instruction is executed. See Figure
18 for EWSR or WREN and WRSR instruction sequences.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to “1”. When
the WP# is low, the BPL bit can only be set from “0” to “1” to
lock-down the status register, but cannot be reset from “1”
to “0”. When WP# is high, the lock-down function of the
BPL bit is disabled and the BPL, BP0, and BP1 and BP2
bits in the status register can all be changed. As long as
BPL bit is set to 0 or WP# pin is driven high (VIH) prior to the
low-to-high transition of the CE# pin at the end of the
WRSR instruction, the bits in the status register can all be
altered by the WRSR instruction. In this case, a single
WRSR instruction can set the BPL bit to “1” to lock down
the status register as well as altering the BP0, BP1, and
BP2 bits at the same time. See Table 2 for a summary
description of WP# and BPL functions.
FIGURE 18: ENABLE-WRITE-STATUS-REGISTER (EWSR) OR
WRITE-ENABLE (WREN) AND WRITE-STATUS-REGISTER (WRSR) SEQUENCE
1296 EWSR.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com