Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
19
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as
SST25VF080B and the manufacturer as SST. The device
information can be read from executing the 8-bit command,
9FH. Following the JEDEC Read-ID instruction, the 8-bit
manufacturer’s ID, BFH, is output from the device. After
that, a 16-bit device ID is shifted out on the SO pin. Byte 1,
BFH, identifies the manufacturer as SST. Byte 2, 25H, iden-
tifies the memory type as SPI Serial Flash. Byte 3, 8EH,
identifies the device as SST25VF080B. The instruction
sequence is shown in Figure 19. The JEDEC Read ID
instruction is terminated by a low to high transition on CE#
at any time during data output.
FIGURE 19: JEDEC READ-ID SEQUENCE
25
8E
1296 JEDECID.1
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
TABLE
6: JEDEC READ-ID DATA
Manufacturer’s ID
Device ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
8EH
T6.0 1296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com