Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF080B Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2006 Silicon Storage Technology, Inc.
S71296-01-000
1/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
Single Voltage Read and Write Operations
– 2.7-3.6V
•
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
•
High Speed Clock Frequency
–50 MHz
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
•
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
•
Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
•
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
•
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin in AAI Mode
•
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
•
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
•
Software Write Protection
– Write protection through Block-Protection bits in
status register
•
Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
•
Packages Available
– 8-lead SOIC (200 mils)
– 8-contact WSON (6mm x 5mm)
•
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
SST’s 25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ultimately
lowers total system costs. The SST25VF080B devices are
enhanced with improved operating frequency and even
lower power consumption than the original SST25VFxxxA
devices. SST25VF080B SPI serial flash memories are
manufactured with SST’s proprietary, high-performance
CMOS SuperFlash technology. The split-gate cell design
and thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
The SST25VF080B devices significantly improve perfor-
mance and reliability, while lowering power consumption.
The devices write (Program or Erase) with a single power
supply of 2.7-3.6V for SST25VF080B. The total energy
consumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies.
The SST25VF080B device is offered in both 8-lead SOIC
(200 mils) and 8-contact WSON (6mm x 5mm) packages.
See Figure 1 for pin assignments.
8 Mbit SPI Serial Flash
SST25VF080B
SST25VF080B8Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF080B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B Datasheet
3Mb / 36P
8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
SST25VF080B MICROCHIP-SST25VF080B Datasheet
1Mb / 33P
8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B-50-4C-PAE SST-SST25VF080B-50-4C-PAE Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
More results

Similar Description - SST25VF080B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
8 Mbit SPI Serial Flash
2011 Silicon
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
8 Mbit SPI Serial Flash
2015
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
8-Mbit SPI Serial Flash
Revision D March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com