Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730B Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6730B
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6730B Datasheet HTML 13Page - STMicroelectronics L6730B Datasheet HTML 14Page - STMicroelectronics L6730B Datasheet HTML 15Page - STMicroelectronics L6730B Datasheet HTML 16Page - STMicroelectronics L6730B Datasheet HTML 17Page - STMicroelectronics L6730B Datasheet HTML 18Page - STMicroelectronics L6730B Datasheet HTML 19Page - STMicroelectronics L6730B Datasheet HTML 20Page - STMicroelectronics L6730B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
L6730 - L6730B
Device description
17/52
The output of the error amplifier is clamped with this voltage (Vss) until it reaches the
programmed value. No switching activity is observable if VSS is lower than 0.5V and both
MOSFETs are off. When Vss is between 0.5V and 1.1V the low-side MOSFET is turned on
because the output of the error amplifier is lower than the valley of the triangular wave and so
the duty-cycle is 0%. As VSS reaches 1.1V (i.e. the oscillator triangular wave inferior limit) even
the high-side MOSFET begins to switch and the output voltage starts to increase. The L6730 -
L6730B can only source current during the soft-start phase in order to manage the prebias
start-up applications. This means that when the startup occurs with output voltage greater than
0V (pre-bias startup), even when Vss is between 0.5V and 1.1V the low-side MOSFET is kept
OFF (see Figure 8. and Figure 9.).
Figure 8.
Start-up without prebias
Figure 9.
Start-up with prebias
LGate
VOUT
IL
VSS
VSS
IL
VOUT
LGate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com