Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730B Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6730B
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6730B Datasheet HTML 16Page - STMicroelectronics L6730B Datasheet HTML 17Page - STMicroelectronics L6730B Datasheet HTML 18Page - STMicroelectronics L6730B Datasheet HTML 19Page - STMicroelectronics L6730B Datasheet HTML 20Page - STMicroelectronics L6730B Datasheet HTML 21Page - STMicroelectronics L6730B Datasheet HTML 22Page - STMicroelectronics L6730B Datasheet HTML 23Page - STMicroelectronics L6730B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Device description
L6730 - L6730B
20/52
5.7
Driver section
The high-side and low-side drivers allow for the use of different types of power MOSFETs (also
multiple MOSFETs to reduce the RDSON), maintaining fast switching transitions. The low-side
driver is supplied by VCCDR while the high-side driver is supplied by the BOOT pin. A predictive
dead time control avoids MOSFETs cross-conduction maintaining very short dead time duration
(see Figure 12.).
The control monitors the phase node in order to sense the low-side body diode recirculation. If
the phase node voltage is less than a certain threshold (–350mV typ.) during the dead time, it
will be reduced in the next PWM cycle. The predictive dead time control does not work when
the high-side body diode is conducting because the phase node does not go negative. This
situation happens when the converter is sinking current for example and, in this case, an
adaptive dead time control operates.
Figure 12. Dead times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com