Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730B Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6730B
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6730B Datasheet HTML 14Page - STMicroelectronics L6730B Datasheet HTML 15Page - STMicroelectronics L6730B Datasheet HTML 16Page - STMicroelectronics L6730B Datasheet HTML 17Page - STMicroelectronics L6730B Datasheet HTML 18Page - STMicroelectronics L6730B Datasheet HTML 19Page - STMicroelectronics L6730B Datasheet HTML 20Page - STMicroelectronics L6730B Datasheet HTML 21Page - STMicroelectronics L6730B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Device description
L6730 - L6730B
18/52
The L6730B can always sink current and so it can be used to supply the DDR Memory
termination BUS. If overcurrent is detected during the soft-start phase, the device provides
constant current-protection. In case there is short soft-start time and/or small inductor value
and/or high output capacitors value and thus, in case of high ripple current during the soft-start,
the converter can start-up in anyway and limit the current (Chapter 5.8: Monitoring and
protection on page 21) but not enter into HICCUP mode. The soft-start phase ends when VSS
reaches 3.5V. After that the over current-protection triggers the HICCUP mode (L6730). With
the L6730B there is the possibility to set the HICCUP mode or the constant current mode after
the soft-start acting on the multifunction pin CC/O/U. With the L6730 the low-side MOSFET(s)
management after soft-start phase depends on the S/O/U pin state (see related section). If the
sink mode is enabled the converter can sink current after soft-start (see Figure 10.) while, if the
sink mode is disabled the converter never sinks current (see Figure 11.).
Figure 10. Sink mode enabled: Inductor current during and after soft-start (L6730).
VOUT
IL
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com