Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMB6/S Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95040-RMB6/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6/S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95040-RMB6/S Datasheet HTML 21Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 22Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 23Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 24Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 25Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 26Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 27Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 28Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
M95040, M95020, M95010
Maximum rating
25/42
8
Maximum rating
Stressing the device outside the ratings listed in Table 7 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the Operating sections of this specification, is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
–40
130
°C
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
see note (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
°C
VO
Output Voltage
–0.50
VCC+0.6
V
VI
Input Voltage
–0.50
6.5
V
VCC
Supply Voltage
–0.50
6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)(2)
2.
AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1=100pF, R1=1500
Ω, R2=500Ω)
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com