Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMB6/S Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95040-RMB6/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6/S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95040-RMB6/S Datasheet HTML 34Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 35Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 36Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 37Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 38Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 39Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 40Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 41Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
M95040, M95020, M95010
Part numbering
39/42
11
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
The category of second-Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 26.
Ordering information scheme
Example:
M95040
–
W MN 6
T
P /W
Device Type
M95 = SPI serial access EEPROM
Device Function
040 = 4 Kbit (512 x 8)
020 = 2 Kbit (256 x 8)
010 = 1 Kbit (128 x 8)
Operating Voltage
blank = VCC = 4.5 to 5.5V
W = VCC = 2.5 to 5.5V
R = VCC = 1.8 to 5.5V
Package
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MB = UFDFPN8 (MLP8) 2 × 3mm
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with High Reliability Certified Flow(1).
Automotive temperature range (–40 to 125 °C)
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
blank = Standard SnPb plating
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
Used only for Device Grade 3
/W, /G or /S = F6SP36%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com