Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMB6/S Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95040-RMB6/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6/S Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95040-RMB6/S Datasheet HTML 34Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 35Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 36Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 37Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 38Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 39Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 40Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 41Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
M95040, M95020, M95010
Revision history
41/42
05-Oct-2004
6.0
Product List summary table added. Process identification letter “G”
information added. Order information for Tape and Reel changed to T.
AEC-Q100-002 compliance. Device Grade information clarified. tHHQX
corrected to tHHQV. Signal Description updated.
10MHz, 5ms Write is now the present product. tCH+tCL<1/fC constraint
clarified
06-Nov-2006
7
Document converted to new template, Table 5: Status Register format
moved to below Section 6.3: Read Status Register (RDSR).
PDIP package removed. UFDFPN8 (MB) package added (see Figure 20
and Table 25) and SO8N package specifications updated (see Figure 18
and Table 23). Packages are ECOPACK® compliant.
Section 6.7: Cycling added. Section 2.8: Supply voltage (VCC) added and
information removed below Section 4: Operating features.
Figure 3: Bus master and memory devices on the SPI bus modified.
TLEAD parameter modified, Note 1 changed, and TA added to Table 7:
Absolute maximum ratings.
Characteristics of previous product identified by process letter K removed.
CL modified in Table 11: AC test measurement conditions. Note removed
below Table 13 and Table 14.
Information in Table 17 is no longer Preliminary data, ICC, ICC1 and VIL
modified. End timing line of tSHQZ moved in Figure 17.
tCHHL and tCHHH changed to tCLHL and tCLHH, respectively in Figure 16,
Table 18, Table 19, Table 20, Table 21 and Table 22.
Plating Technology and Process updated in Table 26: Ordering
information scheme.
Table 27.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com