Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics TSH690 Datasheet HTML 10Page - STMicroelectronics TSH690 Datasheet HTML 11Page - STMicroelectronics TSH690 Datasheet HTML 12Page - STMicroelectronics TSH690 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TSH690
9/14
450 MHz operation (L2 = 56 nH)
GAIN vs FREQUENCY
INPUT RETURN LOSS
OUTPUT RETURN LOSS
GAIN vs VBIAS VOLTAGE
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Freq (MHz)
Vcc=Vbias @ Ta=+25°C
L2=56nH (450MHz operation)
3V
4V
2V
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Freq (MHz)
Vcc=Vbias @ Ta=+25°C
L2=56nH (450MHz operation)
2V
3V
4V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-10
-5
0
5
10
15
20
25
30
V
CC
= 4V
V
CC
= 3V
V
CC
= 2V
T
AMB
= 25°C
Freq = 450MHz
V
BIAS
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com