Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics TSH690 Datasheet HTML 10Page - STMicroelectronics TSH690 Datasheet HTML 11Page - STMicroelectronics TSH690 Datasheet HTML 12Page - STMicroelectronics TSH690 Datasheet HTML 13Page - STMicroelectronics TSH690 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TSH690
13/14
Figure 8 : PCB component side (not to scale)
Routing Requirements
Supply voltages : as well as any RF design
boards, decoupling of supply voltages requires
carefully routing. So, the output stage features a
10
µF tank capacitor to smooth current peaks and
2 decoupling capacitors of 1nF and 100pF avoid-
ing a RF feedback to the supply.
The oscillator biasing (pin 7) requires a RF choke
self inductance of 56nH in series with R1 and also
a grounded decoupling capacitor of 1nF.
Ground : The ground routing has to be done in the
manner of decreasing resistive and inductive par-
asitics effects to guarantee the best equipotential
of the electrical ground node. By using microstrip
lines, bottom and top ground planes must be con-
nected via through holes in respect with a distance
shorter than 10 times the running wavelength. In
practice,
with
a
standard
epoxy
substrate
(Er~4,5), to run at about 450MHz, distance be-
tween 2 vias must not exceed ~3cm. By using a
standard 2.54mm PCB grid, design takes profit to
avoid harmonics radiation.
Improvements
In comparison with the first diagram proposal, 2nd
& 3rd harmonics levels can be reduced respec-
tively as low as -27dBc and -34dBc by replacing
L2 with a parallel tank circuit (LC) of 10nH, 13pF.
In such a condition, fundamental output level is
slightly degraded of less than 0.5dB keeping a
good 50
Ω impedance matching.
Figure 9 : PCB solder side (not to scale)
Figure 10 : Silk screen (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com