Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH690 Datasheet HTML 1Page - STMicroelectronics TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TSH690
5/14
SCATTERING PARAMETERS MEASUREMENT (Reference waves planes at package leads)
TEST CONDITIONS V
CC1, VCC2, Vbias = +2V, Pin = -40dBm, Tamb = 25°C
Freq
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
40
0.642
-22.0
6.319
5.0
0.003
-126.5
0.715
-54.7
50
0.615
-25.7
6.406
7.1
0.008
170.7
0.631
-64.7
100
0.537
-41.3
7.643
7.7
0.002
70.1
0.369
-91.3
150
0.490
-55.6
9.353
3.1
0.004
-141.9
0.253
-100.9
200
0.464
-68.0
11.502
-5.7
0.007
-117.3
0.202
-100.9
250
0.428
-79.0
13.856
-18.0
0.003
162.3
0.203
-92.7
300
0.413
-92.1
16.229
-33.4
0.005
142.1
0.209
-87.6
350
0.373
-101.5
18.019
-51.2
0.008
101.4
0.263
-89.4
400
0.334
-106.7
19.110
-70.1
0.008
115.2
0.326
-99.7
450
0.312
-111.5
19.159
-90.3
0.008
169.9
0.382
-112.1
500
0.290
-112.5
18.154
-108.0
0.008
111.5
0.395
-122.9
550
0.302
-114.5
16.778
-124.8
0.010
92.1
0.425
-130.0
600
0.324
-118.2
15.075
-140.5
0.015
93.6
0.424
-139.6
650
0.335
-122.9
13.482
-153.6
0.011
109.6
0.427
-150.8
700
0.349
-129.6
11.992
-165.5
0.011
101.7
0.425
-159.0
750
0.368
-135.0
10.750
-177.2
0.019
82.4
0.414
-169.5
800
0.366
-142.1
9.453
173.4
0.011
79.5
0.413
-177.8
850
0.373
-147.9
8.598
165.0
0.015
60.2
0.432
176.2
900
0.374
-154.1
7.783
155.8
0.013
89.7
0.438
166.4
950
0.381
-159.0
7.117
146.7
0.017
111.3
0.447
160.8
1000
0.377
-165.8
6.500
138.9
0.013
82.2
0.462
155.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com