Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036APFC Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5036APFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC Datasheet(HTML) 4 Page - Texas Instruments

  TAS5036APFC Datasheet HTML 1Page - Texas Instruments TAS5036APFC Datasheet HTML 2Page - Texas Instruments TAS5036APFC Datasheet HTML 3Page - Texas Instruments TAS5036APFC Datasheet HTML 4Page - Texas Instruments TAS5036APFC Datasheet HTML 5Page - Texas Instruments TAS5036APFC Datasheet HTML 6Page - Texas Instruments TAS5036APFC Datasheet HTML 7Page - Texas Instruments TAS5036APFC Datasheet HTML 8Page - Texas Instruments TAS5036APFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Contents
iv
November 2002—Revised January 2004
SLES061B
3.7
DC-Offset Control Registers (0x06−0x0B)
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.8
Interchannel Delay Registers (0x0C−0x11)
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.9
ABD Delay Register (0x12)
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.10
Individual Channel Mute Register (0x19)
29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
System Procedures for Initialization, Changing Data Rates, and Switching Between Master
and Slave Modes
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
System Initialization
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Data Sample Rate
32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Changing Between Master and Slave Modes
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Specifications
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Absolute Maximum Ratings Over Operating Temperature Ranges
37
. . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Electrical Characteristics Over Recommended Operating Conditions
37
. . . . . . . . . . . . . . . . . . . .
5.3.1
Static Digital Specifications Over Recommended Operating Conditions
37
. . . . . . . . .
5.3.2
Digital Interpolation Filter and PWM Modulator Over
Recommended Operating Conditions (Fs = 48 kHz)
37
. . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
TAS5036A/TAS5182 System Performance Measured at the Speaker Terminals
Over Recommended Operating Conditions (Fs = 48 kHz)
38
. . . . . . . . . . . . . . . . . . . .
5.4
Switching Characteristics
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.1
Command Sequence Timing
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.2
Serial Audio Port
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.3
Serial Control Port—I2C Operation
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Serial Audio Interface Clock Master and Slave Interface Configuration
48
. . . . . . . . . . . . . . . . . . .
6.1.1
Slave Configuration
48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.2
Master Configuration
48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Mechanical Data
49
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A—Volume Table
51
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com