Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036APFC Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS5036APFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5036APFC Datasheet HTML 20Page - Texas Instruments TAS5036APFC Datasheet HTML 21Page - Texas Instruments TAS5036APFC Datasheet HTML 22Page - Texas Instruments TAS5036APFC Datasheet HTML 23Page - Texas Instruments TAS5036APFC Datasheet HTML 24Page - Texas Instruments TAS5036APFC Datasheet HTML 25Page - Texas Instruments TAS5036APFC Datasheet HTML 26Page - Texas Instruments TAS5036APFC Datasheet HTML 27Page - Texas Instruments TAS5036APFC Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Architecture Overview
18
SLES061B—November 2002—Revised January 2004
TAS5036A
There is no correct number of MCLKs per LRCLK:
•
Fs error has occurred
•
LRCLK error
•
MCLK_IN count error
LRCLK is absent:
•
LRCLK error
MCLK is the wrong frequency, changing frequency, or absent:
•
DCLK phase error with respect to MCLK
•
MCLK phase error with respect to DCLK
•
PWM timing error
SCLK is the wrong frequency or absent
•
SCLK error
2.3
Signal Processing
This section contains the signal processing functions that are contained in the TAS5036A. The signal
processing is performed using a high-speed 24-bit signal processing architecture. The TAS5036A has the
following signal processing features:
•
Individual channel soft volume with a range of 24 dB to −114 dB plus mute
•
Soft mute
•
Automute
•
50-
µs/15-µs de-emphasis filter supported in the sampling rates 32 kHz, 44.1 kHz, and 48 kHz
2.3.1 Volume Control
The gain of each output can be adjusted by a soft digital volume control for each channel. Volume adjustments
are performed using a soft gain update s-curve, which is approximated using a second-order filter fit. The curve
fit is performed over a transition interval between 41 ms and 65 ms.
The volume of each channel can be adjusted from mute to −114 dB to 24 dB in 0.5 dB steps. Because of the
numerical representation that is used to control the volume, at very low volume levels the step size increases
for gains that are less than −96 dB. The default volume setting following power up or reset is 0 dB for all
channels. The step size adjustment is linear down to approximately −90 dB, see Figure 2−10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com