Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036APFC Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5036APFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5036APFC Datasheet HTML 3Page - Texas Instruments TAS5036APFC Datasheet HTML 4Page - Texas Instruments TAS5036APFC Datasheet HTML 5Page - Texas Instruments TAS5036APFC Datasheet HTML 6Page - Texas Instruments TAS5036APFC Datasheet HTML 7Page - Texas Instruments TAS5036APFC Datasheet HTML 8Page - Texas Instruments TAS5036APFC Datasheet HTML 9Page - Texas Instruments TAS5036APFC Datasheet HTML 10Page - Texas Instruments TAS5036APFC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Introduction
1
SLES061B—November 2002—Revised January 2004
TAS5036A
1
Introduction
The TAS5036A is an innovative, cost-effective, high-performance 24-bit six-channel digital pulse-width
modulator (PWM) based on Equibit
 technology. Combined with a TI PurePath Digital audio amplifier power
stage, these devices use noise-shaping and sophisticated error-correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5036A is designed to drive up to six digital
power devices to provide six channels of digital audio amplification. The digital power devices can be six
conventional monolithic power stages (such as the TAS5110) or six discrete differential power stages using
gate drivers and MOSFETs.
The TAS5036A has six independent volume controls and mute. The device operates in AD and BD modes.
This all-digital audio system contains only two analog components in the signal chain—an LC low-pass filter
at each speaker terminal—and can provide up to 96-dB SNR at the speaker terminals. The TAS5036A has
a wide variety of serial input options including right justified (16-, 20-, or 24-bit), I2S (16-, 20-, or 24-bit) left
justified, and DSP (16-bit) data formats. The device is fully compatible with AES standard sampling rates of
44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz, including de-emphasis for 44.1-kHz and 48-kHz
sample rates. The TAS5036A plus the TAS51xx power stage device combination was designed for home
theater applications such as DVD minicomponent systems, home theater in a box (HTIB), DVD receiver, A/V
receiver, or TV sets.
1.1
Features
•
TI PurePath Digital Audio Amplifier
•
High-Quality Audio
−
100-dB SNR
−
<0.005% THD+N
•
Six-Channel Volume Control
−
Patented Soft Volume
−
Patented Soft Mute
•
16-, 20-, or 24-Bit Input Data
•
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
•
Supports Master and Slave Modes
•
3.3-V Power Supply Operation
•
Economical 80-Pin TQFP Package
•
De-Emphasis: 32 kHz, 44.1 kHz, and 48 kHz
•
Clock Oscillator Circuit for Master Modes
•
Low-Jitter Internal PLL
•
Soft Volume and Mute Update
Equibit and PurePath Digital are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com