Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFCRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 7Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 8Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 9Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 10Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 11Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 12Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 13Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 14Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Introduction
5
SLES061B—November 2002—Revised January 2004
TAS5036A
TERMINAL
FUNCTION†
DESCRIPTION
NAME
NO.
FUNCTION†
DESCRIPTION
PLL_FLT_RET
6
O
PLL external filter (internally connected to AVSS_PLL)
PWM_AM_1
74
O
PWM 1 output (differential -); {positive H-bridge side}
PWM_AM_2
69
O
PWM 2 output (differential -); {positive H-bridge side}
PWM_AM_3
64
O
PWM 3 output (differential -); {positive H-bridge side}
PWM_AM_4
54
O
PWM 4 output (differential -); {positive H-bridge side}
PWM_AM_5
49
O
PWM 5 output (differential -); {positive H-bridge side}
PWM_AM_6
44
O
PWM 6 output (differential -); {positive H-bridge side}
PWM_AP_1
75
O
PWM 1 output (differential +); {positive H-bridge side}
PWM_AP_2
70
O
PWM 2 output (differential +); {positive H-bridge side}
PWM_AP_3
65
O
PWM 3 output (differential +); {positive H-bridge side}
PWM_AP_4
55
O
PWM 4 output (differential +); {positive H-bridge side}
PWM_AP_5
50
O
PWM 5 output (differential +); {positive H-bridge side}
PWM_AP_6
45
O
PWM 6 output (differential +); {positive H-bridge side}
PWM_BM_1
72
O
PWM 1 output (differential -); {negative H-bridge side}
PWM_BM_2
67
O
PWM 2 output (differential -); {negative H-bridge side}
PWM_BM_3
62
O
PWM 3 output (differential -); {negative H-bridge side}
PWM_BM_4
52
O
PWM 4 output (differential -); {negative H-bridge side}
PWM_BM_5
47
O
PWM 5 output (differential -); {negative H-bridge side}
PWM_BM_6
42
O
PWM 6 output (differential -); {negative H-bridge side}
PWM_BP_1
71
O
PWM 1 output (differential +); {negative H-bridge side}
PWM_BP_2
66
O
PWM 2 output (differential +); {negative H-bridge side}
PWM_BP_3
61
O
PWM 3 output (differential +); {negative H-bridge side}
PWM_BP_4
51
O
PWM 4 output (differential +); {negative H-bridge side}
PWM_BP_5
46
O
PWM 5 output (differential +); {negative H-bridge side}
PWM_BP_6
41
O
PWM 6 output (differential +); {negative H-bridge side}
RESET
12
I
System reset input, active low
SCL
17
I
I2C serial control clock input
SCLK
30
I/O
Serial audio data clock (shift clock)
SDA
16
I/O
I2C serial control data input/ output
SDIN1
26
I
Serial audio data 1 input
SDIN2
27
I
Serial audio data 2 input
SDIN3
28
I
Serial audio data 3 input
VALID_1
73
O
Output indicating validity of PWM outputs, channel 1, active high
VALID_2
68
O
Output indicating validity of PWM outputs, channel 2, active high
VALID_3
63
O
Output indicating validity of PWM outputs, channel 3, active high
VALID_4
53
O
Output indicating validity of PWM outputs, channel 4, active high
VALID_5
48
O
Output indicating validity of PWM outputs, channel 5, active high
VALID_6
43
O
Output indicating validity of PWM outputs, channel 6, active high
VREGA_CAP
9
P
Voltage regulator capacitor
VREGB_CAP
60
P
Voltage regulator capacitor
VREGC_CAP
34
P
Voltage regulator capacitor
XTL_IN
79
I
Crystal or TTL level clock input
XTL_OUT
78
O
Crystal output (not for external usage)
† I = input; O = output; I/O = input/output; P = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com