Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFCRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 16Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 17Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 18Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 19Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 20Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 21Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 22Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 23Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Architecture Overview
14
SLES061B—November 2002—Revised January 2004
TAS5036A
23
22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
19
18
15
14
1
0
19
18
20-Bit Mode
15
14
1
0
16-Bit Mode
1
0
15
14
MSB
LSB
2-Channel Right-Justified (Sony Format) Stereo Input
NOTE: All data presented in 2s complement form with MSB first.
23
22
32 Clks
Right Channel
19
18
15
14
1
0
19
18
15
14
1
0
1
0
15
14
MSB
LSB
Figure 2−7. Right-Justified 64-Fs Format
22
21
SCLK
24 Clks
LRCLK
Left Channel
19
1
0
19
1
0
MSB
LSB
2-Channel Right-Justified Stereo Input/Output (24-Bit Transfer Word Size)
20
23
NOTE: All data presented in 2s complement form with MSB first.
1
0
8
9
15
14
18
18
8
9
8
9
15
14
15
14
22
21
24 Clks
Right Channel
19
1
0
19
1
0
MSB
LSB
20
23
1
0
8
9
15
14
18
18
8
9
8
9
15
14
15
14
24-Bit Mode
20-Bit Mode
16-Bit Mode
Figure 2−8. Right-Justified 48-Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com