Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFCRG4 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 21Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 22Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 23Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 24Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 25Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 26Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 27Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 28Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Architecture Overview
19
SLES061B—November 2002—Revised January 2004
TAS5036A
Attenuation (Gain) − dB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
STEP SIZE
vs
ATTENUATION (GAIN)
Figure 2−10. Attenuation Curve
The volume control format for each channel is expressed in 8 bits. The volume for each channel is set by writing
8 bits via the serial control interface. The MSB bit is written first as in the bit position 0 (LSB position).
The volume for each channel can be set using a single- or multiple-address write operation to the volume
control register via the serial control interface. Changing the volume of all six channels requires that 6 registers
be updated.
To coordinate the volume adjustment of multiple channels simultaneously, the TAS5036A performs a delayed
volume update upon receiving a volume change command. Following the completion of the register volume
write operations, the TAS5036A waits for 5 ms for another volume command to be given. If no volume
command is issued in that period of time, the TAS5036A starts adjusting the volume of the channels that
received volume settings.
While a volume update is being performed, the system status register indicates that the update is in progress.
During the update, all subsequent volume control setting requests that are sent to the TAS5036A are received
and stored as a single next value for a subsequent update. If more than one volume setting request is sent,
only the last is retained.
Table 2−9. Volume Register
VOLUME REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
Vol
Bit 7
Vol
Bit 6
Vol
Bit 5
Vol
Bit 4
Vol
Bit 3
Vol
Bit 2
Vol
Bit 1
Vol
Bit 0
2.3.2 Mute
The application of mute ramps the volume from any setting to the noiseless hard-mute state. There are two
methods in which the TAS5036A can be placed into mute. The TAS5036A is placed in the noiseless mute when
the MUTE terminal is asserted low for a minimum of 3 MCLK_IN cycles. Alternatively, the mute mode can be
initiated by setting the mute bit in the system control register through the serial control interface. The
TAS5036A is held in mute state as long as the terminal is low or I2C mute setting is active. This command uses
quiet entry and exit sequences to and from the hard-mute state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com