Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9316
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9316 Datasheet HTML 1Page - Micro Analog systems MAS9316 Datasheet HTML 2Page - Micro Analog systems MAS9316 Datasheet HTML 3Page - Micro Analog systems MAS9316 Datasheet HTML 4Page - Micro Analog systems MAS9316 Datasheet HTML 5Page - Micro Analog systems MAS9316 Datasheet HTML 6Page - Micro Analog systems MAS9316 Datasheet HTML 7Page - Micro Analog systems MAS9316 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DA9316.003
March 23, 2005
3
PIN DESCRIPTION
Pin name
PDIP
I/O
Function
BIT 13
24
I
Data bit 13
ABSOLUTE MAXIMUM RATINGS
(Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
+17
V
Vref or RFB to DGND
-25
+25
V
Output Voltage (Pin 15, 16)
-0.3
VDD+0.3
V
Power Dissipation
PD
Any package at 75oC
459
mW
Derates above 75oC by
6
mW/ oC
Die Junction Temperature
+150
oC
Storage Temperature
Ts
oC
CAUTION:
1.Do not apply voltages higher than VDD or less than
GND potential on any terminal other than VREF or RFB.
2.The digital inputs are diode clamp protected against
ESD damage. However, permanent damage may occur
on unprotected units from high-energy electrostatic
fields. Use proper anti-static handling procedures.
3.Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. This is a stress rating only and functional
operation at or above this specification is not implied.
RECOMMEDED OPERATION CONDITIONS
(conditions)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
+5
+15
+16
V
Supply Current
IDD
All digital inputs VIL or VIH
2.0
4.0
mA
Supply Current
IDD
All digital inputs 0V or 5V
0.2
1.0
mA
Power Dissipation
Pd
60
mW
Storage Temperature
Ts
0
+70
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com