Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9316
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9316 Datasheet HTML 1Page - Micro Analog systems MAS9316 Datasheet HTML 2Page - Micro Analog systems MAS9316 Datasheet HTML 3Page - Micro Analog systems MAS9316 Datasheet HTML 4Page - Micro Analog systems MAS9316 Datasheet HTML 5Page - Micro Analog systems MAS9316 Datasheet HTML 6Page - Micro Analog systems MAS9316 Datasheet HTML 7Page - Micro Analog systems MAS9316 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DA9316.003
March 23, 2005
1
MAS9316
16-BIT DAC
· +/- 0.006% DNL and INL
· No Laser Trimming
· Fast Interface Timing
DESCRIPTION
The MAS9316 is a 16-bit, monolithic CMOS, multiplying
digital-to-analog converter (DAC ) designed for direct
microprocessor interface. Its high relative accuracy and
monotonicity is achieved without laser trimming. This is
made possible by the use of highly accurate, low TCR
thin film resistor process and a 4 MSB to 15 decoding
design technique. Hidden errors are eliminated by
testing all the 65536 different input codes.The device
offers advantages like high stability over time and
temperature and low sensitivity to output amplifier offset
combined to excellent performance-to-cost ratio. The
fast input data latches are designed as two 8-bit
segments providing data storage when latched or
transparent operation when unlatched. All digital inputs
have high ESD protection up to 2 kV.
FEATURES
APPLICATION
· Linearity TC 0.5 ppm/C
· 2 kV ESD Protection on Digital Inputs
· D4 MSB's Decoded
· All 65536 Codes Tested
· Monolithic CMOS Replacement for SIPEX
· DAC 9331-16-4 and SP9316C-4
· 24-pin PDIP Package
· Audio applications
· Instrumentation
· uP Controlled systems
BLOCK DIAGRAM
16-BIT DAC
IO1
DGND
VDD
VREF
RFB
IO2
BIT16/
LSB
BIT1/
MSB
LBE
HBE
8-BIT
INPUT
REG.
8-BIT
INPUT
REG.
.
..


Similar Part No. - MAS9316

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results

Similar Description - MAS9316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
16-Bit, 50Msps DAC
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD1856 AD-AD1856 Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Analog Devices
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com