Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9316
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9316 Datasheet HTML 1Page - Micro Analog systems MAS9316 Datasheet HTML 2Page - Micro Analog systems MAS9316 Datasheet HTML 3Page - Micro Analog systems MAS9316 Datasheet HTML 4Page - Micro Analog systems MAS9316 Datasheet HTML 5Page - Micro Analog systems MAS9316 Datasheet HTML 6Page - Micro Analog systems MAS9316 Datasheet HTML 7Page - Micro Analog systems MAS9316 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DA9316.003
March 23, 2005
4
ELECTRICAL CHARACTERISTICS
Static Performance
(test conditions Ta=+25C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
s
Resolution
N
16
Bits
Integral Nonlinearity1
INL
±0.004
±0.006
%
Differential Nonlinearity2
DNL
±0.003
±0.006
%
Gain error
Gfse
±0.1
±0.2
%
Output Leakage Current
at IO1 (pin 16)
Iilk
10
nA
Offset Error
Relative accuracy 13 bits
Monotonic to 14 bits
Measured Using Internal Rfb
DAC
Register Loaded With All 1s
±0.0005
%
Temperature Stability
(test conditions Ta=+25C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
s
Gain error
TCTCGFSE
±1.0
±2.0
pm/C
Integral Nonlinearity TC
TCINL
±0.1
±0.5
pm/C
Differential Nonlinearity TC
TCDNL
±0.1
±0.5
pm/C
Reference Input
(test conditions Ta=+25C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
s
Input Resistance
Rref
2.5
5
7.5
kΩ
Voltage Range3
±25
v
Switching Characteristics
(test conditions Ta=+25C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
s
Strobe Width
tSW
HBE and LBE Inputs
80
60
ns
Data Setup Time
tDS
Bit 1 to Bit 16
80
70
ns
Data Hold Time
tDH
Bit 1 to Bit 16
40
20
ns
NOTES:
1. Integral Nonlinearity is measured as the arithmetic
mean value of magnitudes of the greatest positive
deviation and the greatest negative deviation from the
theoretical value of any given input combination.
2. Differential Nonlinearity DNL is the deviation of an
output step from the theoretical value of 1 LSB for any
two adjacent digital input codes.
3.Guaranteed by design but not production tested.
4.Logic inputs are MOS gates. Iin typical is less than 1
nA at 25C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com