Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY-A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY-A
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY-A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD720100AGM-8EY-A Datasheet HTML 25Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 26Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 27Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 28Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 29Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 30Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 31Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 32Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet S15535EJ3V0DS
27
µPD720100A
3.
PACKAGE DRAWING
S
S
N
J
detail of lead end
R
K
M
L
P
I
S
Q
G
F
M
H
160-PIN PLASTIC LQFP (FINE PITCH) (24x24)
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
A
B
D
G
26.0
±0.2
24.0
±0.2
0.5 (T.P.)
2.25
J
26.0
±0.2
K
C
24.0
±0.2
I
0.10
1.0
±0.2
L
0.5
±0.2
F
2.25
N
P
Q
0.10
1.4
±0.1
0.125
±0.075
S160GM-50-8ED-3
S
1.7 MAX.
H
0.22+0.05
−0.04
M
0.145+0.055
−0.045
R3
°+7°
−3°
120
121
160
140
41
80
81
A
B
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com