Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY-A
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD720100AGM-8EY-A Datasheet HTML 7Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 8Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 9Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 10Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 11Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 12Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 13Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 14Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet S15535EJ3V0DS
9
µPD720100A
(2/2)
Pin Name
I/O
Buffer Type
Active
Level
Function
RREF
A
Analog
Reference resistor
PC1
A
Analog
Capacitor for PLL
PC2
A
Analog
Capacitor for PLL
NTEST(2:1)
I
Input with 12 k
Ω Pull down R
High
Test pin
SMC
I
Input with 50 k
Ω Pull down R
High
Scan mode control
SIN/TIN
I
Input with 50 k
Ω Pull down R
Scan input or RAM BIST input
SOT/TOUT
O
Output
Scan output or RAM BIST output
TEB
I
Input with 50 k
Ω Pull down R
High
BIST enable
AMC
I
Input with 50 k
Ω Pull down R
High
ATG mode control
SCK/TCLK
I
Input with 50 k
Ω Pull down R
Scan clock or RAM BIST clock
CLKSEL
I
Input with 50 k
Ω Pull down R
Clock select signal
TEST
I
Input with 50 k
Ω Pull down R
High
Test Control
NANDTEST
I
Input with 50 k
Ω Pull down R
High
NAND Tree Test enable
SELDAT
O
Output
Test signal
SELCLK
O
Output
Test signal
SRCLK
O
Output
Serial ROM Clock Out
SRDTA
I/O
I/O
Serial ROM Data
SRMOD
I
Input with 50 k
Ω Pull down R
High
Serial ROM Input Enable
AVDD
VDD for Analog circuit
VDD
VDD
VDD_PCI
5 V (5 V PCI) or 3.3 V (3.3 V PCI)
AVSS
VSS for Analog circuit
VSS
VSS
N.C.
Not connect
Remarks 1. “5 V tolerant“ means that the buffer is 3 V buffer with 5 V tolerant circuit.
2. “5 V PCI” indicates a PCI buffer, which complies with the 3 V PCI standard, has a 5 V tolerant circuit.
It does not indicate a buffer that fully complies with 5 V PCI standard. However, this function can be
used for evaluating the operation of a device on a 5V add-in card.
3. The signal marked as “(I/O)” in the above table operates as I/O signals during testing. However, they
do not need to be considered in normal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com