Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY-A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY-A
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY-A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD720100AGM-8EY-A Datasheet HTML 5Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 6Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 7Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 8Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 9Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 10Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 11Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 12Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet S15535EJ3V0DS
7
µPD720100A
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
VSS
45
VDD
89
SELCLK
133
PPON1
2
VSS
46
NTEST1
90
VSS
134
OCI4
3
SMC
47
NANDTEST
91
RSDM1
135
VSS
4
AD20
48
TEST
92
RSDP1
136
SCK/TCLK
5
AD18
49
VSS
93
DM2
137
PPON5
6
CBE20
50
IRI1
94
RSDP2
138
VSS
7
DEVSEL0
51
IRO2
95
AVSS
139
VDD
8
VDD_PCI
52
VBBRST0
96
PC2
140
RSDP5
9
SERR0
53
VDD
97
AVSS
141
VDD
10
VSS
54
INTA0
98
DM3
142
DP1
11
AD14
55
PIN_EN
99
DP3
143
VSS
12
AD11
56
REQ0
100
RSDM4
144
VDD
13
CBE00
57
AD29
101
DP4
145
VSS
14
AD6
58
AD25
102
VSS
146
AVDD
15
VSS
59
CBE30
103
VSS
147
N.C.
16
AD5
60
N.C.
104
VDD
148
RREF
17
N.C.
61
IDSEL
105
NTEST2
149
VSS
18
AD3
62
VSS
106
LEGC
150
VDD
19
VDD_PCI
63
AD23
107
VCCRST0
151
VSS
20
SRMOD
64
AD22
108
IRI2
152
DM4
21
OCI5
65
AD19
109
A20S
153
XT1/SCLK
22
OCI3
66
AD17
110
PCLK
154
XT2
23
VDD
67
FRAME0
111
INTC0
155
VDD
24
PPON3
68
TRDY0
112
AD31
156
SMI0
25
TEB
69
CBE10
113
VSS
157
IRO1
26
VSS
70
AD13
114
AD27
158
PME0
27
DM5
71
AD12
115
AD24
159
VSS
28
VSS
72
AD9
116
VDD
160
INTB0
29
N.C.
73
AD7
117
SIN/TIN
161
GNT0
30
N.C.
74
VSS
118
SOT/TOUT
162
AD30
31
VSS
75
VSS
119
AD21
163
AD28
32
N.C.
76
VDD
120
VDD
164
AD26
33
DM1
77
AD4
121
AD16
165
VSS
34
RSDM2
78
AD0
122
IRDY0
166
VDD
35
DP2
79
SRDTA
123
STOP0
167
PERR0
36
VDD
80
OCI1
124
PAR
168
VSS
37
AVSS
81
OCI2
125
AD15
169
VSS
38
PC1
82
AMC
126
VDD
170
PPON2
39
AVSS (R)
83
PPON4
127
AD10
171
VSS
40
VDD
84
CLKSEL
128
AD8
172
VSS
41
RSDM3
85
RSDM5
129
AD2
173
AVDD
42
RSDP3
86
DP5
130
AD1
174
VSS
43
N.C.(VDD)
87
SELDAT
131
CRUN0
175
VDD
44
RSDP4
88
VDD
132
SRCLK
176
VDD_PCI
Remarks 1. Pin 43 can be opened. But this signal is connected to pin 45 in the package. Should not be
connected to GND.
2. AVSS (R) should be used to connect RREF through 1 % precision reference resistor of 9.1 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com