Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720113 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 4Page - Renesas Technology Corp UPD720113 Datasheet HTML 5Page - Renesas Technology Corp UPD720113 Datasheet HTML 6Page - Renesas Technology Corp UPD720113 Datasheet HTML 7Page - Renesas Technology Corp UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp UPD720113 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Data Sheet S16618EJ3V0DS
6
µPD720113
1.
PIN INFORMATION
Pin Name
I/O
Buffer Type
Active
Level
Function
X1_CLK
I
2.5 V Input
Crystal oscillator in or clock input
X2
O
2.5 V Output
Oscillator out
SYSRSTB
I
5 V tolerant Schmitt Input
Low
Asynchronous chip reset
RPU
A (O)
USB Pull-up control
External 1.5 k
Ω pull-up resistor control
DP(7:1)
I/O
USB D
+ signal I/O
USB’s downstream facing port D
+ signal
DM(7:1)
I/O
USB D
− signal I/O
USB’s downstream facing port D
− signal
DPU
I/O
USB D
+ signal I/O
USB’s upstream facing port D
+ signal
DMU
I/O
USB D
− signal I/O
USB’s upstream facing port D
− signal
LPWRM
I
3.3 V Schmitt Input
Local power monitor
RREF
A (O)
Analog
Reference resistor
CSB(7:1)
I
5 V tolerant Input
Low
Port’s over-current status input
PPB(7:1)
O
5 V tolerant N-ch open drain
Low
Port’s power supply control output
VBUSM
I
5 V tolerant Schmitt input
VBUS monitor
SCL
O
3.3 V Output
External serial ROM clock out
SDA/GANG_B
I/O
3.3 V Schmitt I/O
External serial ROM data IO or power
management mode select
EXROM_EN
I
3.3 V Schmitt Input
External serial ROM input enable
TEST
I
3.3 V Input
Test signal
SCAN_MODE
I
3.3 V Input
Test signal
VDD33
3.3 V VDD
VDD25
2.5 V VDD
AVDD
2.5 V VDD for analog circuit
VSS
VSS
AVSS
VSS for analog circuit
AVSS(R)
VSS for reference resistor. Connect to AVSS.
Remark “5 V tolerant“ means that the buffer is 3 V buffer with 5 V tolerant circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com