Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720113 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 5Page - Renesas Technology Corp UPD720113 Datasheet HTML 6Page - Renesas Technology Corp UPD720113 Datasheet HTML 7Page - Renesas Technology Corp UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp UPD720113 Datasheet HTML 12Page - Renesas Technology Corp UPD720113 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet S16618EJ3V0DS
7
µPD720113
2.
ELECTRICAL SPECIFICATIONS
2.1
Buffer List
• 2.5 V Oscillator interface
X1_CLK, X2
• 5 V Schmitt input buffer
SYSRSTB, CSB(7:1), VBUSM
• 3.3 V Schmitt input buffer
LPWRM
• 3.3 V input buffer
EXROM_EN, TEST, SCAN_MODE
• 3.3 V IOL = 3 mA bi-directional Schmitt input buffer with input enable (OR-type)
SDA/GANG_B
• 3.3 V IOL = 3 mA output buffer
SCL
• 5 V IOL = 12 mA N-ch open drain buffer
PPB(7:1)
• USB2.0 interface
RPU, DPU, DMU, DP(7:1), DM(7:1), RREF
Above, “5 V” refers to a 3 V input buffer that is 5 V tolerant (has 5 V maximum input voltage). Therefore, it is
possible to have a 5 V connection for an external bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com