Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720113 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 9Page - Renesas Technology Corp UPD720113 Datasheet HTML 10Page - Renesas Technology Corp UPD720113 Datasheet HTML 11Page - Renesas Technology Corp UPD720113 Datasheet HTML 12Page - Renesas Technology Corp UPD720113 Datasheet HTML 13Page - Renesas Technology Corp UPD720113 Datasheet HTML 14Page - Renesas Technology Corp UPD720113 Datasheet HTML 15Page - Renesas Technology Corp UPD720113 Datasheet HTML 16Page - Renesas Technology Corp UPD720113 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet S16618EJ3V0DS
11
µPD720113
DC Characteristics
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Off-state output leakage current
IOZ
VO = VDD33, VDD25 or VSS
±10
µA
Output short circuit current
IOS
Note
−250
mA
Low-level output current
IOL
3.3 V low-level output current
VOL = 0.4 V
3
mA
3.3 V low-level output current
VOL = 0.4 V
6
mA
5.0 V low-level output current
VOL = 0.4 V
12
mA
High-level output current
IOH
3.3 V high-level output current
VOH = 2.4 V
−3
mA
3.3 V high-level output current
VOH = 2.4 V
−6
mA
5.0 V high-level output current
VOH = 2.4 V
−2
mA
Input leakage current
II
3.3 V buffer
VI = VDD or VSS
±10
µA
5.0 V buffer
VI = VDD or VSS
±10
µA
Note The output short circuit time is measured at one second or less and is tested with only one pin on the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com