Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD754264 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD754264
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD754264 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD754264 Datasheet HTML 46Page - Renesas Technology Corp UPD754264 Datasheet HTML 47Page - Renesas Technology Corp UPD754264 Datasheet HTML 48Page - Renesas Technology Corp UPD754264 Datasheet HTML 49Page - Renesas Technology Corp UPD754264 Datasheet HTML 50Page - Renesas Technology Corp UPD754264 Datasheet HTML 51Page - Renesas Technology Corp UPD754264 Datasheet HTML 52Page - Renesas Technology Corp UPD754264 Datasheet HTML 53Page - Renesas Technology Corp UPD754264 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
µPD754264
48
Data Sheet U12487EJ1V2DS
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level output
IOH
Per pin
P30, P31, P33,
–5
mA
current
P60 to P63, P80
P32, VDD = 3.0 V,
–7
–15
mA
VOH = VDD – 2.0 V
Total of all pins
–20
mA
Low-level output
IOL
Per pin
15
mA
current
Total of all pins
45
mA
High-level input
VIH1
Port 3
2.7 V
≤ VDD ≤ 6.0 V
0.7VDD
VDD
V
voltage
1.8 V
≤ VDD < 2.7 V
0.9VDD
VDD
V
VIH2
Ports 6 to 8,
2.7 V
≤ VDD ≤ 6.0 V
0.8VDD
VDD
V
KRREN, RESET
1.8 V
≤ VDD < 2.7 V
0.9VDD
VDD
V
VIH3
X1
VDD – 0.1
VDD
V
Low-level input
VIL1
Port 3
2.7 V
≤ VDD ≤ 6.0 V
0
0.3VDD
V
voltage
1.8 V
≤ VDD < 2.7 V
0
0.1VDD
V
VIL2
Ports 6 to 8,
2.7 V
≤ VDD ≤ 6.0 V
0
0.2VDD
V
KRREN, RESET
1.8 V
≤ VDD < 2.7 V
0
0.1VDD
V
VIL3
X1
0
0.1
V
High-level
VOH
VDD = 4.5 to 6.0 V, IOH = –1.0 mA
VDD – 1.0
V
output voltage
VDD = 1.8 to 6.0 V, IOH = –100
µAVDD – 0.5
V
Low-level
VOL
VDD = 4.5 to 6.0 V
Port 3, IOL = 15 mA
0.6
2.0
V
output voltage
Ports 6, 8,
0.4
V
IOL = 1.6 mA
VDD = 1.8 to 6.0 V, IOH = 400
µA
0.5
V
High-level input
ILIH1
VIN = VDD
Pins other than X1
3.0
µA
leakage current
ILIH2
X1
20
µA
Low-level input
ILIL1
VIN = 0 V
Pins other than X1
–3.0
µA
leakage current
ILIH2
X1
–20
µA
High-level output
ILOH
VOUT = VDD
3.0
µA
leakage current
Low-level output
ILOL
VOUT = 0 V
–3.0
µA
leakage current
On-chip pull-up
RL1
VIN = 0 V
Port 3, 6, 8
50
100
200
k
Ω
resistance
RL2
Port 7 (mask option)
15
30
60
k
Ω
RESET (mask option)
50
100
200
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com