Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD754264 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD754264
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD754264 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD754264 Datasheet HTML 9Page - Renesas Technology Corp UPD754264 Datasheet HTML 10Page - Renesas Technology Corp UPD754264 Datasheet HTML 11Page - Renesas Technology Corp UPD754264 Datasheet HTML 12Page - Renesas Technology Corp UPD754264 Datasheet HTML 13Page - Renesas Technology Corp UPD754264 Datasheet HTML 14Page - Renesas Technology Corp UPD754264 Datasheet HTML 15Page - Renesas Technology Corp UPD754264 Datasheet HTML 16Page - Renesas Technology Corp UPD754264 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
µPD754264
11
Data Sheet U12487EJ1V2DS
4. SWITCHING FUNCTION BETWEEN Mk I MODE AND Mk II MODE
4.1 Difference between Mk I and Mk II Modes
The
µPD754264 75XL CPU has the following two modes: Mk I and Mk II, either of which can be selected. The
mode can be switched by the bit 3 of the Stack Bank Select register (SBS).
• Mk I mode:
Instructions are compatible with the 75X Series. Can be used in the 75XL CPU with a ROM
capacity of up to 16 Kbytes.
• Mk II mode:
Incompatible with 75X Series. Can be used in all the 75XL CPU’s including those products
whose ROM capacity is more than 16 Kbytes.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Mk I Mode
Mk II Mode
Number of stack bytes
2 bytes
3 bytes
for subroutine instructions
BRA !addr1 instruction
Not available
Available
CALLA !addr1 instruction
CALL !addr instruction
3 machine cycles
4 machine cycles
CALLF !faddr instruction
2 machine cycles
3 machine cycles
Caution The Mk II mode supports a program area exceeding 16 Kbytes for the 75X and 75XL Series.
Therefore, this mode is effective for enhancing software compatibility with products that have a
program area of more than 16 Kbytes.
With regard to the number of stack bytes during execution of subroutine call instructions, the usable
area increases by 1 byte per stack compared to the Mk I mode when the Mk II mode is selected.
However, when the CALL !addr and CALLF !faddr instructions are used, the machine cycle becomes
longer by 1 machine cycle. Therefore, if more emphasis is placed on RAM use efficiency and
processing performance than on software compatibility, the Mk I mode should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com