Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD754264 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD754264
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD754264 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD754264 Datasheet HTML 17Page - Renesas Technology Corp UPD754264 Datasheet HTML 18Page - Renesas Technology Corp UPD754264 Datasheet HTML 19Page - Renesas Technology Corp UPD754264 Datasheet HTML 20Page - Renesas Technology Corp UPD754264 Datasheet HTML 21Page - Renesas Technology Corp UPD754264 Datasheet HTML 22Page - Renesas Technology Corp UPD754264 Datasheet HTML 23Page - Renesas Technology Corp UPD754264 Datasheet HTML 24Page - Renesas Technology Corp UPD754264 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
µPD754264
19
Data Sheet U12487EJ1V2DS
7.3 Basic Interval Timer/Watchdog Timer
The basic interval timer/watchdog timer has the following functions.
(a)
Interval timer operation to generate a reference time interrupt
(b)
Watchdog timer operation to detect a runaway of program and reset the CPU
(c)
Selects and counts the wait time when the standby mode is released
(d)
Reads the contents of counting
Figure 7-2. Basic Interval Timer/Watchdog Timer Block Diagram
Notes 1. The wait time can be specified when the standby mode is released.
2. Instruction execution.
From clock
generator
fX/25
fX/27
fX/29
fX/212
MPX
BTM3 BTM2 BTM1 BTM0 BTM
4
SET1Note 2
Internal bus
81
Basic interval timer
(8-bit frequency divider)
Clear
BT
Wait release signal
when standby is
releasedNote 1.
Set
Clear
3
WDTM
SET1Note 2
Internal reset
signal
Vectored
interrupt
request signal
BT
interrupt
request flag
IRQBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com