Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243BD Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3243BD
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243BD Datasheet(HTML) 2 Page - STMicroelectronics

  ST3243BD Datasheet HTML 1Page - STMicroelectronics ST3243BD Datasheet HTML 2Page - STMicroelectronics ST3243BD Datasheet HTML 3Page - STMicroelectronics ST3243BD Datasheet HTML 4Page - STMicroelectronics ST3243BD Datasheet HTML 5Page - STMicroelectronics ST3243BD Datasheet HTML 6Page - STMicroelectronics ST3243BD Datasheet HTML 7Page - STMicroelectronics ST3243BD Datasheet HTML 8Page - STMicroelectronics ST3243BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ST3243
2/14
ORDERING CODES
PIN DESCRIPTION
Type
Temperature
Range
Package
Comments
ST3243CD
0 to 70 °C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3243BD
-40 to 85 °C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3243CDR
0 to 70 °C
SO-28 (Tape & Reel)
1000 parts per reel
ST3243BDR
-40 to 85 °C
SO-28 (Tape & Reel)
1000 parts per reel
ST3243CPR
0 to 70 °C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3243BPR
-40 to 85 °C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3243CTR
0 to 70 °C
TSSOP28 (Tape & Reel)
2500 parts per reel
ST3243BTR
-40 to 85 °C
TSSOP28 (Tape & Reel)
2500 parts per reel
PlN N°
SYMBOL
NAME AND FUNCTION
1
C2+
Positive Terminal of Inverting Charge Pump Capacitor
2
C2-
Negative Terminal of Inverting Charge Pump Capacitor
3
V-
-5.5V Generated by the Charge Pump
4
R1IN
First Receiver Input Voltage
5
R2IN
Second Receiver Input Voltage
6
R3IN
Third Receiver Input Voltage
7
R4IN
Fourth Receiver Input Voltage
8
R5IN
Fifth Receiver Input Voltage
9
T1OUT
First Transmitter Output Voltage
10
T2OUT
Second Transmitter Output Voltage
11
T3OUT
Third Transmitter Output Voltage
12
T3IN
Third Transmitter Input Voltage
13
T2IN
Second Transmitter Input Voltage
14
T1IN
First Transmitter Input Voltage
15
R5OUT
Fifth Receiver Output Voltage
16
R4OUT
Fourth Receiver Output Voltage
17
R3OUT
Third Receiver Output Voltage
18
R2OUT
Second Receiver Output Voltage
19
R1OUT
First Receiver Output Voltage
20
R2OUTB
Non-inverting Complementary Receiver Output, always active
for wake-up
21
INVALID
Output of the valid signal detector. Indicates if a valid RS-232
level is present on receiver inputs logic "1"
22
FORCEOFF
Drive low to shut down transmitters and on-board power
supply. This over-rides all automatic circuitry and FORCEON
23
FORCEON
Drive high to override automatic circuitry keeping transmitters
on (FORCEOFF must be high)
24
C1-
Negative Terminal of Voltage- Charge Pump Capacitor
25
GND
Ground
26
VCC
Supply Voltage
27
V+
5.5V Generated by the Charge Pump
28
C1+
Positive Terminal of Voltage- Charge Pump Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com