Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243BD Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3243BD
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243BD Datasheet(HTML) 4 Page - STMicroelectronics

  ST3243BD Datasheet HTML 1Page - STMicroelectronics ST3243BD Datasheet HTML 2Page - STMicroelectronics ST3243BD Datasheet HTML 3Page - STMicroelectronics ST3243BD Datasheet HTML 4Page - STMicroelectronics ST3243BD Datasheet HTML 5Page - STMicroelectronics ST3243BD Datasheet HTML 6Page - STMicroelectronics ST3243BD Datasheet HTML 7Page - STMicroelectronics ST3243BD Datasheet HTML 8Page - STMicroelectronics ST3243BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ST3243
4/14
ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
LOGIC INPUT ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
AUTO-POWERDOWN ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IASHDN Supply Current
Auto-powerdown
VCC = 3.3 or 5.0V
TA =25°C
All R_IN open
FORCEOFF =VCC
110
µA
ISHDN
Shutdown Supply Current
VCC = 3.3 or 5.0V
TA =25°C
All R_IN open
FORCEOFF =GND
110
µA
ISHDN
Supply Current
Auto-powerdown Disabled
VCC = 3.3 or 5.0V
TA =25°C
FORCEON = FORCEOFF =VCCNo Load
0.3
1
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTIL
Input Logic Threshold Low
T-IN, FORCEON, FORCEOFF
0.8
V
VTIH
Input Logic Threshold High
T-IN, FORCEON, FORCEOFF
VCC =3.3V
VCC =5V
2
2.4
V
V
VTHYS Transmitter Input
Hysteresis
0.5
V
IIL
Input Leakage Current
T-IN, FORCEON, FORCEOFF
± 0.01
± 1.0
µA
IOL
Output Leakage Current
Receiver Disabled
± 0.05
± 10
µA
VOL
Output Voltage Low
IOUT =1.6mA
0.4
V
VOH
Output Voltage High
IOUT =-1mA
VCC-0.6 VCC-0.1
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver Input Threshold to
Transmitter Enabled
Positive Threshold
Negative Threshold
2.7
2.7
V
V
VRITD
Receiver Input Threshold to
Transmitter Disabled
1
µA Supply Current
-0.3
0.3
V
VIOL
INVALID Output Voltage
LOW
0.4
V
VIOH
INVALID Output Voltage
HIGH
VCC-0.6
V
tWU
Receiver Threshold to
Transmitter Enabled
IOUT =1.6mA
250
µs
tinvh
Receiver Positive or
Negative Threshold to
INVALID HIGH
IOUT =-1mA
1
µs
tinvL
Receiver Positive or
Negative Threshold to
INVALID LOW
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com