Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243BD Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3243BD
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243BD Datasheet(HTML) 1 Page - STMicroelectronics

  ST3243BD Datasheet HTML 1Page - STMicroelectronics ST3243BD Datasheet HTML 2Page - STMicroelectronics ST3243BD Datasheet HTML 3Page - STMicroelectronics ST3243BD Datasheet HTML 4Page - STMicroelectronics ST3243BD Datasheet HTML 5Page - STMicroelectronics ST3243BD Datasheet HTML 6Page - STMicroelectronics ST3243BD Datasheet HTML 7Page - STMicroelectronics ST3243BD Datasheet HTML 8Page - STMicroelectronics ST3243BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
January 2004
s
1
µA SUPPLY CURRENT ACHIEVED WHEN
IN AUTO-POWERDOWN
s
250Kbps MINIMUM GUARANTEED DATA
RATE
s
GUARANTEED 6V/
µsSLEW RATERANGE
s
GUARANTEED MOUSE DRIVEABILITY
s
0.1
µF EXTERNAL CAPACITORS
s
MEET EIA/TIA-232 SPECIFICATIONS DOWN
TO 3V
s
AVAILABLE IN SO-28, SSOP-28 AND
TSSOP28
DESCRIPTION
TheST3243deviceconsists of 3drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high data rate capability.
The receiver R2 is always active to implement a
wake-up feature for serial port.
The
ST3243
has
a
proprietary
low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0V to 5.5V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250kbps while maintaining
RS-232 output levels.
The Auto-powerdown feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not
sense a valid RS-232 signal, the driver outputs are
disabled. If FORCEOFF is set low, both drivers
and receivers (expert R2B) are shut off, and
supply current is reduced to 1mA. Disconnecting
the serial port or turning off the peripheral drives
causes the auto-powerdown condition to occur.
Auto-powerdown
can
be
disabled
when
FORCEON and FORCEOFF are high, and should
be done when driving a serial mouse. With
Auto-powerdown enabled, the device is activated
automatically when a valid signal is applied to any
receiver input.
Typical application are in notebook, subnotebook,
palmtop computers, battery-powered equipment,
hand-held equipment, peripherals and printers.
ST3243
3 TO 5.5V, 400KBPS, RS-232
TRANSCEIVER WITH AUTO-POWERDOWN
SSOP
SOP
TSSOP


Similar Part No. - ST3243BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243BD STMICROELECTRONICS-ST3243BD Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243BDR STMICROELECTRONICS-ST3243BDR Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
More results

Similar Description - ST3243BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3237 STMICROELECTRONICS-ST3237 Datasheet
247Kb / 15P
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
16-Jan-2007
ST3241E STMICROELECTRONICS-ST3241E Datasheet
208Kb / 13P
® 5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May-2002
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
June 2000
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
logo
STMicroelectronics
STLV3243E STMICROELECTRONICS-STLV3243E Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
03-Apr-2006
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
31-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com